Part Number Hot Search : 
T3002NL T530D AOK22N50 1N5160 SHB212 SXXHR41 BL3717 TC534CKW
Product Description
Full Text Search
 

To Download PJ-A2940SERIES Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  357 beloit street, p.o. box 457, burlington, wi 53105-0457 u.s.a. phone 262/763-3591 fax 262/763-2881 email: nelsales@nelfc.com www.nelfc.com differential positive ecl (dpecl) fast edge pj-a2940 series preliminary description the pj-a2940 series of quartz crystal oscillators provide dpecl fast edge compatible signals. systems designers may now specify space-saving, cost-effective packaged pecl oscillators to meet their timing requirements. features ? wide frequency range?80.0mhz to 200.0mhz ? user specified tolerance available ? will withstand vapor phase temperatures of 253c for 4 minutes maximum ? space-saving alternative to discrete component oscillators ? high shock resistance, to 3000g ? 3.3 volt operation ? fast rise and fall times <600 ps ? metal lid electrically connected to ground to reduce emi ? high reliability - nel halt/hass qualified for crystal oscillator start-up conditions ? low jitter - wavecrest jitter characterization available ? overtone technology ? high q crystal actively tuned oscillator circuit ? power supply decoupling internal ? no internal pll avoids cascading pll problems ? high frequencies due to proprietary design ? gold plated leads - solder dipped leads available upon request electrical connection pin connection 1 enable/disable 2 nc 3 v ee 4 output 5 output complement 6 v cc crystal clock oscillators data sheet 0149b rev. e
357 beloit street, p.o. box 457, burlington, wi 53105-0457 u.s.a. phone 262/763-3591 fax 262/763-2881 email: nelsales@nelfc.com www.nelfc.com pj-a2940 series continued differential positive ecl (dpecl) fast edge operating conditions and output characteristics electrical characteristics parameter symbol conditions min typical max frequency ----- ----- 80.0mhz ----- 200.0mhz duty cycle ----- @ v cc -1.29v 45/55% ----- 55/45% logic 0 (2) v ol ----- 1.35v ----- 1.70v logic 1 (2) v oh ----- 2.28v ----- 2.56v rise & fall time tr,tf 20-80%v o with 50 ohm load to v cc -2v ----- ----- 600 psec tpd (4) ----- ----- -200 psec ----- +200 psec jitter, rms (3) ----- ----- ----- ----- 3 psec frequency stability (1) df/f overall conditions including: -100ppm ----- +100ppm voltage, calibration, temp., 10 yr aging, shock, vibration general characteristics parameter symbol conditions min typical max supply voltage v cc ----- 3.15v 3.3v 3.45v supply current i cc 50 ohm termination 0.0 ma ----- 110 ma to 2.00v below v cc output current i o low level output current 0.0 ma ----- 50.0 ma operating temperature t a ------ 0c ----- 70c storage temperature t s ----- -55c ----- 125c power dissipation p d ----- ----- ----- 276 mw lead temperature t l soldering, 10 sec. ----- ----- 300c load 50 ohm to v cc -2v or thevenin equivalent, bias required start-up time t s ----- ----- 2 ms 10 ms environmental and mechanical characteristics mechanical shock per mil-std-202, method 213, condition e thermal shock per mil-std-833, method 1011, condition a vibration 0.060" double amplitude 10 hz to 55 hz, 35g?s 55hz to 2000 hz soldering condition 300c for 10 seconds hermetic seal leak rate less than 1 x 10 -8 atm.cc/sec footnotes: 1) standard frequency stability (20,25,50ppm & others available) 2) v ol , v oh , referenced to ground (v ee ) with v cc = 3.3v 3) jitter performance is frequency dependent. please contact factory for full wavecrest characterization. 4) tpd is phase shift between the falling edge of pin 3 at 2.0v and the rising edge of pin 1 at 2.01v. rev. e crystal clock oscillators pj - a 294x - freq package code tolerance/performance pj 6 j lead smd 0 100ppm 0-70c 1 50ppm 0-70c 7 25ppm 0-70c input voltage 9 customer specific code specification a 20ppm 0-70c a 3.3v b 50ppm -40 to +85c 5v c 100ppm -40 to +85c creating a part number data sheet 0149b


▲Up To Search▲   

 
Price & Availability of PJ-A2940SERIES

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X